| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3100 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3100 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 24 page ![]() Pad descriptions and configurations AN3100 18/24 Doc ID 16606 Rev 2 Except for some reference pads, all the pads can be divided into two main groups on the basis of the nature of the digital cell present in the pad: ● Data cell (BDPROGDDRSCARUDQP_VDDE_1V8_2V5_SF_TF_2ROWS , BDPROGDDRSCARUDQP_GNDE_1V8_2V5_SF_TF_2ROWS ) ● Clock cell (BDCLKRESDDRSCARUDQP_INPUT_DQS_1V8_2V5_SF_TF_2ROWS ) The figures below show the data cell and the clock cell architecture. Figure 4. Data cell architecture GNDEPA D or VDDEPAD EN TEN DDR2V5 ZOUTPROGA2V5 PROGB2V5 ENZI ZI PU2V5 PDN2V5 ODTA ODTEN ODTB MODEZI2V5 REFSSTL On-die terminations VDDE IOPAD 300 Ω 300 Ω 300 Ω 300 Ω VDDE VDDE 50 k Ω 50 k Ω BOOST TRIGGER A[0:6]SRC VDD GND VDDE GNDE PROGA2V5 TM A TA Logic block |