công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2776 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện AN2776
Giải thích chi tiết về linh kiện  The purpose of this application note is to explain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2776 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button AN2776 Datasheet HTML 8Page - STMicroelectronics AN2776 Datasheet HTML 9Page - STMicroelectronics AN2776 Datasheet HTML 10Page - STMicroelectronics AN2776 Datasheet HTML 11Page - STMicroelectronics AN2776 Datasheet HTML 12Page - STMicroelectronics AN2776 Datasheet HTML 13Page - STMicroelectronics AN2776 Datasheet HTML 14Page - STMicroelectronics AN2776 Datasheet HTML 15Page - STMicroelectronics AN2776 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
FWLib V1.0 to V2.0 migration steps
AN2776
12/20
Common functions and configuration parameters for SPI and I2S
Some SPI driver functions were updated to support the I2S protocol:
1.
“I2S” was added in the function name to indicate that it can be used for SPI and I2S
2.
“I2S” was added in the configuration parameter to indicate that it can be used for SPI
and I2S
3.
The function format is updated as follows:
SPI_
I2S_FunctionName(SPIx, param1, param2,...)
e.g.: SPI_
I2S_ITConfig(SPI_TypeDef* SPIx, u8 SPI_I2S_IT, FunctionalState NewState)
Table 3 provides the list of the impacted functions.
If you are using any function listed in the first column of Table 3, update the prototypes and
parameter name to the new names given in the second column of the table.
Example: Typical code for SPI interrupt and DMA configuration based on FWLib V1.0:
SPI_ITConfig(SPI2, SPI_IT_TXE, ENABLE)
SPI_DMACmd(SPI2, SPI_DMAReq_Rx, ENABLE)
Using FWLib V2.0, this code becomes:
SPI_I2S_ITConfig
(SPI2, SPI_I2S_IT_TXE, ENABLE)
SPI_I2S_DMACmd(SPI2, SPI_I2S_DMAReq_Rx, ENABLE)
Note:
In addition to these functions, a new structure is added to this driver to configure only the I2S
peripheral.
SPI-specific functions
The functions not listed in Table 3 where not modified and are specific to the SPI protocol.
New functions for I2S
Three functions were added to cover I2S protocol-specific configuration:
1.
I2S_Init(SPI_TypeDef* SPIx, I2S_InitTypeDef* I2S_InitStruct)
2.
I2S_StructInit(I2S_InitTypeDef* I2S_InitStruct)
3.
I2S_Cmd(SPI_TypeDef* SPIx, FunctionalState NewState)
Table 3.
Common functions for SPI and I2S(1)
FWLib V1.0
FWLib V2.0
SPI_DeInit
(SPI_TypeDef* SPIx)
SPI_I2S_DeInit
(SPI_TypeDef* SPIx)
SPI_ITConfig
(SPI_TypeDef* SPIx, u8 SPI_IT,
FunctionalState NewState)
SPI_I2S_ITConfig
(SPI_TypeDef* SPIx, u8 SPI_I2S_IT,
FunctionalState NewState)
SPI_DMACmd
(SPI_TypeDef* SPIx, u16 SPI_DMAReq,
FunctionalState NewState)
SPI_I2S_DMACmd
(SPI_TypeDef* SPIx, u16 SPI_I2S_DMAReq,
FunctionalState NewState)
SPI_SendData
(SPI_TypeDef* SPIx, u16 Data)
SPI_I2S_SendData
(SPI_TypeDef* SPIx, u16 Data)
SPI_ReceiveData
(SPI_TypeDef* SPIx)
SPI_I2S_ReceiveData
(SPI_TypeDef* SPIx)
SPI_GetFlagStatus
(SPI_TypeDef* SPIx, u16 SPI_FLAG)
SPI_I2S_GetFlagStatus
(SPI_TypeDef* SPIx, u16 SPI_I2S_FLAG)
SPI_ClearFlag
(SPI_TypeDef* SPIx, u16 SPI_FLAG)
SPI_I2S_ClearFlag
(SPI_TypeDef* SPIx, u16 SPI_I2S_FLAG)
SPI_GetITStatus
(SPI_TypeDef* SPIx, u8 SPI_IT)
SPI_I2S_GetITStatus
(SPI_TypeDef* SPIx, u8 SPI_I2S_IT)
SPI_ClearITPendingBit
(SPI_TypeDef* SPIx, u8 SPI_IT)
SPI_I2S_ClearITPendingBit
(SPI_TypeDef* SPIx, u8 SPI_I2S_IT)
1.
Some parameters are specific for SPI (e.g.: SPI_FLAG_CRCERR) or I2S (e.g.: I2S_FLAG_CHSIDE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20