| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2710 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2710 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 30 page ![]() Recommended configuration sequence AN2710 22/30 4.3 From output push-pull if the port is set to output push-pull, use the following sequences to change modes. Table 15. Alternate function open drain to alternate function push-pull PC2 - 1 No change PC1 - 1 No change PC0 - 1 Alternate function push-pull Table 16. Output push-pull to analog Input PC2 - 0 Input PC1 - 0 No change PC0 - 0 Analog input Table 17. Output push-pull to input PC2 - 0 Input PC1 - 0 No change PC0 - 1 No change Table 18. Output push pull to Input pull-up/pull-down PC2 - 0 Input PC1 - 1 IPUPD(1) 1. Input pull-up/pull-down. PC0 - 1 No change Table 19. Output push-pull to output open drain PC2 - 1 No change PC1 - 0 No change PC0 - 0 Output open drain Table 20. Output push-pull to alternate function open drain PC2 - 1 No change PC1 - 1 Alternate function push-pull PC0 - 0 Alternate function open drain Table 21. Output push-pull to alternate function push-pull PC2 - 1 No change PC1 - 1 Alternate function push-pull PC0 - 1 No change |