| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2710 bảng dữ liệu(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2710 bảng dữ liệu(HTML) 21 Page - STMicroelectronics |
|
21 / 30 page ![]() AN2710 Recommended configuration sequence 21/30 4.2 From alternate function open drain If the port is set to alternate function open drain, use the following sequences to change modes. Table 8. Alternate push-pull to output push-pull PC2 - 1 No change PC1 - 0 Output push-pull PC0 - 1 No change Table 9. Alternate push-pull to alternate function open drain PC2 - 1 No change PC1 - 1 No change PC0 - 0 Alternate function open drain Table 10. Alternate function open drain to analog input PC2 - 0 Reserved/Input PC1 - 0 Analog input PC0 - 0 No change Table 11. Alternate function open drain to input PC2 - 0 Reserved/Input PC1 - 0 Analog input PC0 - 1 IN Table 12. Alternate function open drain to Input pull-up/pull-down PC2 - 0 Reserved/Input(1) 1. Reserved for STR73x only PC1 - 1 No change PC0 - 1 IPUPD(2) 2. Input pull-up/pull-down. Table 13. Alternate function open drain to output open drain PC2 - 1 No change PC1 - 0 Output open drain PC0 - 0 No change Table 14. Alternate function open drain to output push-pull PC2 - 1 No change PC1 - 0 Output open drain PC0 - 1 Output push pull |