| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2692 bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2692 bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 29 page ![]() AN2692 Embedded application aspects 25/29 Restarting reprogramming When interrupted, it is recommended to restart the reprogramming process from the beginning (that is erasing and programming). 3.3 Ruggedized aspects Some embedded applications need to be ruggedized to cope with some market specificities. Application ruggedization is usually done by following a set of rules defined for each project (e.g.: power-on self tests). This section describes hints that are suggested when designing a ruggedized application. 3.3.1 Checksum Some applications may have routines that are used to reprogram the Flash memory in the field. For such applications, if the software goes out of control and jumps by mistake to those routines, there is, theoretically, a possibility that the Flash memory is modified by mistake during this time. Ruggedization could be done by having a checksum computed over the entire Flash memory content. 3.3.2 Initialization of unused memory locations In the unlikely event that the application software is going out of control, unused memory locations could be initialized to an illegal ST10 opcode. In this event, the processor is stopped by an illegal opcode trap as soon as the execution code jumps by mistake to an unused memory location. |