| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2674 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2674 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 22 page ![]() AN2674 Low-inductance decoupling capacitor layout Doc ID 14204 Rev 2 19/22 Appendix A Low-inductance decoupling capacitor layout This appendix provides guidelines for low-inductance capacitor layout for high-frequency decoupling applications. Figure 8 shows various layouts for decoupling capacitors. The layouts shown in (a) and (b) have inherently high inductance, and thus a high impedance at high frequencies and should be avoided. The layouts in (d) and (e) have low inductance and should be used for high frequency decoupling applications. The 4-via layout (e) has the lowest inductance (but requires more board area), and should be used where space allows. The 2-via layout shown in (d) is a good compromise when space does not permit the 4-via layout. The layout shown in (c) should be used as a last resort when there is no space for (d) or (e). Figure 8. Decoupling capacitor layouts A.1 0402 compact land pattern A area-efficient compact land pattern facilitates PCB layout of decoupling capacitors. Figure 9 shows a commonly used land pattern. Figure 9. Compact layout for 0402 size package |