| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2615 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2615 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 37 page ![]() AN2615 Hardware setup 17/37 9 Hardware setup Figure 11. Hardware setup The external ADC is interfaced to the ST7 microcontroller The input capture pins PB0 and PB2 are used for capturing the pulse from the comparators at two instants (when the output is equal to V2 and V3 respectively), while PB1 and PB3 are used for controlling the voltage at the gate of the M1 and M2 switches (on/off the MOSFET). The results of the A/D conversion are displayed on the Windows hyper terminal application through an RS232-SCI interface. The general schematics of the board are given in Appendix B: Application board schematics on page 31. 0134.85 mV Vin VDD Comp1 External ADC M1 Comp2 M2 PB0 PB1 PB2 PB3 ST72 TD0 Gnd Application board RS232 communication RS232 interface Hyper terminal Gnd Multimeter VDD |