công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2615 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện AN2615
Giải thích chi tiết về linh kiện  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button AN2615 Datasheet HTML 8Page - STMicroelectronics AN2615 Datasheet HTML 9Page - STMicroelectronics AN2615 Datasheet HTML 10Page - STMicroelectronics AN2615 Datasheet HTML 11Page - STMicroelectronics AN2615 Datasheet HTML 12Page - STMicroelectronics AN2615 Datasheet HTML 13Page - STMicroelectronics AN2615 Datasheet HTML 14Page - STMicroelectronics AN2615 Datasheet HTML 15Page - STMicroelectronics AN2615 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Characteristics of different slope converters
AN2615
12/37
6.2
Dual-slope converter
Figure 7.
Dual-slope converter circuit diagram
6.2.1
Dual-slope converter timing diagram
As shown in Figure 8 a dual-slope ADC has a charging phase followed by a fixed rate
discharging phase.
Figure 8.
Dual-slope converter timing diagram
The advantage of a dual-slope ADC is that it is not dependent on the correction factor for the
R*C product. However, the input offset voltage problem still persists and this ADC also
requires a dual supply op-amp to be able to measure positive and negative voltages.
out
out
R
S1
gnd
gnd
1
2
3
1
2
S0
S1
S2
clk
cmp
Control logic
enbl
clk
Counter
ctr
clk
-Vin
Vref
Vin1
Vin2
-Vref
-Vref
Charging phase
Fixed-rate discharge
Vin
=
Vref
Tcharge
Tdischarge
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37