công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2281 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện AN2281
Giải thích chi tiết về linh kiện  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 10Page - STMicroelectronics AN2281 Datasheet HTML 11Page - STMicroelectronics AN2281 Datasheet HTML 12Page - STMicroelectronics AN2281 Datasheet HTML 13Page - STMicroelectronics AN2281 Datasheet HTML 14Page - STMicroelectronics AN2281 Datasheet HTML 15Page - STMicroelectronics AN2281 Datasheet HTML 16Page - STMicroelectronics AN2281 Datasheet HTML 17Page - STMicroelectronics AN2281 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Application schematics
AN2281
14/38
4.1
Gate driving and dead time insertion circuit
Figure 11 shows in detail one of the three legs of the DC-AC inverter used in the reference
schematic, with the corresponding gate driving circuit. The description of this leg is valid for
the whole inverter.
In order to drive the U4 MOSFETs correctly and to avoid their contemporary conduction, the
signal coming from the microcontroller and applied at the base of bipolar transistor Q8 is,
first of all, level shifted by the emitter follower stage (Q8) and, then, a dead time is inserted
delaying the turn-on of the NMOS and PMOS devices and by making their turn-off
instantaneous.
Referring to the control signal (applied on point B in Figure 11) low-to-high transition and
assuming the P-channel MOSFET fully turned on when |VGS|=VTH, you can compute the
dead time value by solving the following equation:
Figure 11. The dead time insertion circuit
(4.1)
VBUS=VTHp
(
)
R13*CPMOSin
t
-
1-e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38