| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2281 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2281 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 38 page ![]() Implementation on the ST7LITE35 microcontroller AN2281 12/38 You can observe that, in order to measure the Hall sensor semi-period correctly, the LTIC and LTTB1 ISRs must be executed by the microcontroller core in the same order in which the related interrupts events occurred. This would normally happen if no other interrupts service routines are executing. However in our software, a third interrupt source is enabled (PWM update event), so a potentially erroneous situation could arise due to the interrupt priority mechanism. Figure 9 describes two possible situations: Figure 9. Multiple interrupt pending situation Due to the higher interrupt priority of LTIC with respect to LTTB1, in both cases the LTIC ISR is executed before LTTB1 ISR. In this case, the value stored in the LTICR is used to reconstruct the correct sequence: if the content of the LTICR is lower than 125, it is assumed that the LTTB1 event occurred just before a LTIC event so that the Lite Timer overflow counter must be incremented before the semi-period computation. On the contrary, if the LTICR contains a value higher than 125, it is assumed that the LTIC occurred just before a Lite timer overflow (LTTB1 event). In this case, the overflow counter must not be incremented before the semi-period computation but it will be taken into account at the next LTIC event. Counter 1 249 LTTB1 Captured value << 125 LTIC Int t t t Hall sensor output Counter 1 249 LTTB1 Captured value >> 125 LTIC Int t t t PWM OVF ISR execution PWM OVF ISR execution |