| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD6467 bảng dữ liệu(PDF) 39 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6467 bảng dữ liệu(HTML) 39 Page - NEC |
|
39 / 68 page ![]() 39 µPD6467 Data Sheet S14455EJ1V0DS00 3.13 3-Channel Background Control Command This command can be used to independently specify the background for the output of the 3 channels (because this command is a 2-byte command, input of 16 bits is necessary when this command is input more than once successively). (1) With MSB first (The command is input from MSB (D15).) D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 1011001 BA1 BA0 BFA BB1 BB0 BFB BC1 BC0 BFC (MSB) (LSB) VC2 background control bit Function No background Blank background Must not be specified Filled background BC1 0 0 1 1 BC0 0 1 0 1 VC2 framing control bit Function Framing OFF Framing ON BFC 0 1 VC1 background control bit Function No background Blank background Must not be specified Filled background BB1 0 0 1 1 BB0 0 1 0 1 VC1 framing control bit Function Framing OFF Framing ON BFB 0 1 RGB background control bit Function No background Blank background Must not be specified Filled background BA1 0 0 1 1 BA0 0 1 0 1 RGB framing control bit Function Framing OFF Framing ON BFA 0 1 VC2 output VC1 output RGB output (2) With LSB first (Use of each bit is the same as (1). The command is input from LSB (D0).) (LSB) (MSB) D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 BA1 1001101 BFC BC0 BC1 BFB BB0 BB1 BFA BA0 |