| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1812 bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1812 bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 34 page ![]() AN1812 13 References and bibliography 27/34 Figure 22. Use of Input buffer for voltage measurement A.2 Case 2: Current measurement Figure 23 shows the current measurement circuit. Figure 23. Current measurement Vin = (Iin + I) * Rsense = Iin * (1 + I / Iin) * Rsense ------------- (1) I = (V1 - Vin) / R = V1 / (R * (1 + Rsense / R)) ------------- (2) So the following points should be kept in mind while using Rsense. 1. Rsense should be chosen to correspond to the range of the current to be measured. 2. Rsense affects the effective value of current I. To minimize its effect, it should be negligible compared to R. Otherwise ADC has to be compensated. O/p C R V1 I VIN VIN C O/p V1 R I VIN Rsense Iin |