| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1812 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1812 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 34 page ![]() AN1812 6 Characteristics of different slope converters 11/34 Figure 9. VIN versus Time in AN1812 solution The significant advantage of this converter is the ability to measure positive and negative input voltages operating from single supply, while other solution require a dual supply. Also this converter does not require any negative voltage reference. Again, as in the single slope converter, the major sources of error are the correction factor for R*C product and the input offset voltage. As shown Figure 9, the ADC is capable of measuring the input voltage ranging +Vref to -Vref, where the absolute value of Vref is mod (Vref) < V1 so the input voltage range depends on the value of V1. 1/ Tm Positive input Negative input -Vref Total input range ( +Vref to -Vref) V0 Vin = V1 - (R * C) * (V3 -V2) / Tm Vin V1 +Vref |