| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD6461GS bảng dữ liệu(PDF) 24 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6461GS bảng dữ liệu(HTML) 24 Page - NEC |
|
24 / 60 page ![]() 24 µPD6461, 6462 3.3 BACKGROUND/RIM COLOR CONTROL COMMAND This command specifies the color of the background or rim when overall background, minimum background, or rimming is specified. (1) For MSB-first transfer (Command bits are input starting from the MSB (D7).) D7 0 D6 0 D5 1 D4 0 D3 R D2 G D1 B D0 BFC (MSB) (LSB) BFC 0 1 R 0 0 0 0 1 1 1 1 G 0 0 1 1 0 0 1 1 B 0 1 0 1 0 1 0 1 Rim color specification bit Color Black White Background color specification bits Color Black Blue Green Cyan Red Magenta Yellow White (2) For LSB-first transfer (Command bits are input starting from the LSB (D0). The function of each bit is the same as that for MSB-first transfer.) • Rim color specification bit This bit is used to specify the color (white or black) of the rim added to all characters displayed on the screen (only for the RGB channel). When rimming is specified for the VC1 or VC2 channel, the rim color is always black. • Background color specification bits These bits are used to specify one of eight colors to be used for the background of the entire screen (only for the RGB channel). When background (overall/minimum) is specified for the VC1 or VC2 channel, the background color is always black. (LSB) (MSB) D0 D1 D2 D3 D4 D5 D6 D7 BFC B G R 0100 |