công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2014 bảng dữ liệu(PDF) 44 Page - STMicroelectronics

tên linh kiện AN2014
Giải thích chi tiết về linh kiện  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 bảng dữ liệu(HTML) 44 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 40Page - STMicroelectronics AN2014 Datasheet HTML 41Page - STMicroelectronics AN2014 Datasheet HTML 42Page - STMicroelectronics AN2014 Datasheet HTML 43Page - STMicroelectronics AN2014 Datasheet HTML 44Page - STMicroelectronics AN2014 Datasheet HTML 45Page - STMicroelectronics AN2014 Datasheet HTML 46Page - STMicroelectronics AN2014 Datasheet HTML 47Page - STMicroelectronics AN2014 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
Software considerations
AN2014
44/65
DocID10701 Rev 10
Figure 38. Example of how to duplicate data safely
1. N = Page length (number of bytes defining a page);
Di = Data byte at page location "i" (i < N);
n =multiple of 4 (n < N).
5.4.3
Checksum and data redundancy
Combining checksums and data redundancy is the best strategy.
Applying the redundancy and checksum strategy to read-only data (2 or 3 copies with a
checksum byte for each data block) improves the EEPROM robustness and, with it, data
integrity.
5.4.4
Extra redundancy
Default backup parameters can also be stored in another non-volatile external or embedded
Flash memory. The micro should then have the ability to copy back the data in the EEPROM
when necessary.
D0
D1
D1
D0
Dn
Dn – 1
Dn – 1
Dn
Reference Data
Duplicated Data
ai10923b
Rows or Pages
Columns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65