| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2014 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2014 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 65 page ![]() February 2015 DocID10701 Rev 10 1/65 AN2014 Application note How a designer can make the most of STMicroelectronics serial EEPROMs Introduction Electrically Erasable and PROgrammable Memory (EEPROM) devices are standard products used for the non-volatile storage of data parameters, with a fine-granularity. This application note describes most of the internal architecture and related functionality of the STMicroelectronics EEPROM, such as the storage mechanism, interface circuits, optimal settings of hardware, software and data management. With these guidelines, an application designer gains a better understanding of the device’s operation and can profit from these recommendations to significantly improve the reliability of the application. www.st.com |
Số phần tương tự - AN2014 |
|
Mô tả tương tự - AN2014 |