| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1633 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1633 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() 2/9 2 DFU MECHANISM 2.1 OVERVIEW As mentioned in the introduction, the microcontroller’s USB cell is only used during the DFU upgrade process. This upgrade process takes place only when the USB cable is plugged-in. When the USB cable is removed the non-USB application is executed and the USB cell is switched off. The following figure explains this mechanism in detail. Figure 1. DFU Flowchart in a non-USB application As you can see, two separate firmware applications reside in different flash sectors and are selected by plugging a cable in the USB connector. USB cable ? DFU Process Main (Application) Main (DFU) MCU Reset Yes SECTOR 0 SECTORS 1 & 2 USB cable ? No Yes No WDG Reset Flash erasing & programming (jump table) USB cable ? WDG Reset No Yes 2 |