| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1633 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1633 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() AN1633/0303 1/9 AN1633 APPLICATION NOTE DEVICE FIRMWARE UPGRADE (DFU) IMPLEMENTATION IN NON-USB APPLICATIONS by Microcontroller Division Applications 1 INTRODUCTION This application note describes how to implement the Device Firmware Upgrade (DFU) capa- bility using a ST7 USB microcontroller like the ST72F62 or ST72F63B in a general purpose or ‘non-USB’ application. The term ’non-USB’ is used here to contrast with ‘USB application’ which has a different DFU implementation (refer to AN1577). In the implementation described here, the USB interface is not used in the application. The application board is self powered and the on-chip USB interface is only used occasionally, as a maintenance utility port to up- grade the MCU firmware. The USB cell is only activated when the USB cable is plugged-in. At this time the application is stopped and the microcontroller is seen as a USB device and enters the DFU process to erase and program the new firmware in Sector 1 and/or Sector 2. When the user removes the USB cable, the USB cell is switched-off and the main application is executed ! To illustrate this application note, a firmware example has been developed using a ST72F62 or a ST72F63B USB Low-Speed device. This firmware is based on the ST7 USB Low-Speed DFU Demo firmware. It is not necessary to know the USB cell to understand this application note. For more informa- tion about the USB DFU class, please refer to the Application Note AN1577. 1 |
Số phần tương tự - AN1633 |
|
Mô tả tương tự - AN1633 |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |