| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1324 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1324 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 15 page ![]() 14/15 CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS 4.2.4 Detailed average version software flowchart CLEAR RAM BYTES ENABLE INPUT CAPTURE INTERRUPT (NBOVER, CR) STORE STARTING VALUE 80H --> VALUE 80H --> RCCR EDGE ON LTIC INPUT STORE CAPTURED VALUE IN CAPTURE 1.X ENABLE TIMEBASE INTERRUPT TO STORE CAPTURED VALUE IN CAPTURE 2.X DISABLE TIMEBASE AND INPUT CAPTURE INTERRUPTS START TO COUNT TIMER OVERFLOWS EDGE ON LTIC INPUT SUBTRACT VALUE TO RCCR ADD VALUE TO RCCR RC OSCILLATOR IS TRIMMED TO 1 MHZ COMPARE RESULT WITH 138H IS THE DICHOTOMY FINISHED? NO NO NO YES YES YES SMALLER EQUAL OR GREATER CALCULATION OF: NBOVER X F9 + 4(CAPTURE2.X - CAPTURE1.X) RESULT DIVIDED BY 4 TO AVERAGE IT DIVIDE VALUE BY 2 FOUR MEASUREMENTS DONE? NO YES |