| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1324 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1324 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 15 page ![]() 11/15 CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS 4.1.5 Detailed basic version software flowchart CLEAR RAM BYTES ENABLE INPUT CAPTURE INTERRUPT (NBOVER, CR) STORE STARTING VALUE 80H --> VALUE 80H --> RCCR EDGE ON LTIC INPUT STORE CAPTURED VALUE IN CAPTURE 1 ENABLE TIMEBASE INTERRUPT TO STORE CAPTURED VALUE IN CAPTURE 2 DISABLE TIMEBASE AND INPUT CAPTURE INTERRUPTS START TO COUNT TIMER OVERFLOWS DIVIDE VALUE BY 2 CALCULATION OF: NBOVER X F9 + CAPTURE 2 - CAPTURE 1 EDGE ON LTIC INPUT SUBTRACT VALUE TO RCCR ADD VALUE TO RCCR RC OSCILLATOR IS TRIMMED TO 1 MHZ COMPARE RESULT WITH 138H IS THE DICHOTOMY FINISHED? NO NO NO YES YES YES SMALLER GREATER |