công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC1045 bảng dữ liệu(PDF) 1 Page - Linear Technology

tên linh kiện LTC1045
Giải thích chi tiết về linh kiện  Programmable Micropower Hex Translator/ Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC1045 bảng dữ liệu(HTML) 1 Page - Linear Technology

  LTC1045_15 Datasheet HTML 1Page - Linear Technology LTC1045_15 Datasheet HTML 2Page - Linear Technology LTC1045_15 Datasheet HTML 3Page - Linear Technology LTC1045_15 Datasheet HTML 4Page - Linear Technology LTC1045_15 Datasheet HTML 5Page - Linear Technology LTC1045_15 Datasheet HTML 6Page - Linear Technology LTC1045_15 Datasheet HTML 7Page - Linear Technology LTC1045_15 Datasheet HTML 8Page - Linear Technology LTC1045_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1045
1045fc
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
Programmable
Micropower Hex Translator/
Receiver/Driver
100ns/DIV
045 TA01a
s
TTL/CMOS to
±5V Analog Switch Drive
s
TTL to CMOS (3V to 15V VCC)
s
ECL to CMOS (3V to 15V VCC)
s
Ground Isolation Buffer
s
Low Power RS232 Line Receiver
Flat Ribbon Cable Driver/Receiver
+
20
5V
11
1
TTL IN
1.4V
0.5V
XMT IN
XMT OUT
66-FT FLAT RIBBON CABLE
ADJACENT CONDUCTORS
ZO = 150Ω
150
13
12
10
V+
V
ISET
DIS
VOL
VOH
RCV IN
1
RCV OUT
TTL OUT
1045 TA01
+
20
5V
11
13
12
10
V+
V
ISET
DIS
VOL
VOH
XMT IN (5V/DIV)
XMT OUT (1V/DIV)
RCV IN (1V/DIV)
RCV OUT (5V/DIV)
s
Efficiently Translate Voltage Levels
s
Internal Hysteresis for Noise Immunity
s
Output Latches Included
s
Three-State Outputs
s
Programmable Power/Speed
s
Power Can Be Completely Shut Off
s
±50V on Inputs with External 100k Limit Resistor
s
1.2
µs Response at 100µA Supply Current
The LTC
®1045 is a hex level translator manufactured using
Linear Technology’s enhanced LTCMOS
TM silicon gate
process. It consists of six high speed comparators with
output latches and three-state capability. Each compara-
tor’s plus input is brought out separately. The minus inputs
of comparators 1 to 4 are tied to VTRIP1 while 5 and 6 are
tied to VTRIP2.
The ISET pin has several functions. When taken to V + the
outputs are latched and power is completely shut off.
Power/speed can be programmed by connecting ISET to V
through an external resistor.
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTCMOS is a trademark of Linear Technology Corporation.


Số phần tương tự - LTC1045_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC1045 LINER-LTC1045_1 Datasheet
226Kb / 20P
Programmable Micropower Hex Translator/Receiver/Driver
More results

Mô tả tương tự - LTC1045_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H604 ONSEMI-MC10H604 Datasheet
84Kb / 4P
Registered Hex TTL/ECL Translator
1996 REV 1
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
Registered Hex TTL/PECL Translator
1996 REV 1
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
Registered Hex PECL/TTL Translator
1996 REV 2
logo
Linear Technology
LTC1045 LINER-LTC1045 Datasheet
370Kb / 20P
Programmable Micropower Hex Translator/ Receiver/Driver
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
Hex ECL-to-TTL Translator
logo
List of Unclassifed Man...
10191 ETC1-10191 Datasheet
66Kb / 1P
HEX ECL/MST TRANSLATOR
logo
National Semiconductor ...
F100124 NSC-F100124 Datasheet
107Kb / 4P
Hex TTL-to-ECL Translator
logo
Linear Technology
LTC1045 LINER-LTC1045_1 Datasheet
226Kb / 20P
Programmable Micropower Hex Translator/Receiver/Driver
logo
ON Semiconductor
NB4N316M ONSEMI-NB4N316M_16 Datasheet
159Kb / 12P
Receiver to CML Driver/Translator with Input Hysteresis
July, 2016 ??Rev. 6
logo
NiceRF Wireless Technol...
SRX887 G-NICE-SRX887 Datasheet
420Kb / 6P
Micropower Superheterodyne Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com