công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC1045 bảng dữ liệu(PDF) 7 Page - Linear Technology

tên linh kiện LTC1045
Giải thích chi tiết về linh kiện  Programmable Micropower Hex Translator/ Receiver/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC1045 bảng dữ liệu(HTML) 7 Page - Linear Technology

Back Button LTC1045_15 Datasheet HTML 3Page - Linear Technology LTC1045_15 Datasheet HTML 4Page - Linear Technology LTC1045_15 Datasheet HTML 5Page - Linear Technology LTC1045_15 Datasheet HTML 6Page - Linear Technology LTC1045_15 Datasheet HTML 7Page - Linear Technology LTC1045_15 Datasheet HTML 8Page - Linear Technology LTC1045_15 Datasheet HTML 9Page - Linear Technology LTC1045_15 Datasheet HTML 10Page - Linear Technology LTC1045_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1045
1045fc
Because of this diode, VOH must not be greater than V +.
Lastly, the maximum voltage between any two power
supply pins must not exceed 15V operating or 18V abso-
lute maximum. For example, if V + = 5V, V or VOL should
be no more negative than – 10V. Note that VOL should not
be more negative than – 10V even if the VOH to VOL
differential does not exceed the 15V maximum. In this
case the V + to VOL differential sets the limit.
Input Voltage
The LTC1045 has no upper clamp diodes as do conven-
tional CMOS circuits. This allows the inputs to exceed the
V + supply. The inputs will break down approximately 30V
above the V supply. If the input current is limited with
100k
Ω, the input voltage can be driven to at least ±50V
with no adverse effects for any combination of allowed
APPLICATIONS INFORMATION
power supply voltages. Output levels will be correct even
under these conditions (i.e., if the input voltage is above
the trip point, the output will be high and if it is below, the
output will be low).
Output Drive
Output drive characteristics of the LTC1045 will vary with
the power supply voltages that are chosen. Output imped-
ance is affected by V +, VOH and VOL. V has no effect on
output impedance. Guaranteed drive characteristics are
specified in the table of electrical characteristics for
V + = VOH = 5V and V = VOL = 0V. Figures 6 and 7 show
relative output impedance for other supply combinations.
In general, output impedance is minimized if V + to VOH is
minimized and VOH to VOL is maximized.
V+ – VOH (V)
02
16
1045 F06
4
6
10
14
8
12
4
3
2
1
0
SPECIFIED POINT
VOH – VOL = 5V
VOH – VOL = 10V
VOH – VOL = 4V
VOH – VOL = 3V
VOH – VOL (V)
02
16
1045 F07
4
6
10
14
8
12
2
1
0
SPECIFIED POINT
Figure 6. Relative Output Sourcing
Resistance (ROH) vs V + – VOH
Figure 7. Relative Output Sinking
Resistance (ROL) vs VOH – VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com