công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN977 bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện AN977
Giải thích chi tiết về linh kiện  GUIDELINES FOR UPGRADING FROM THE ST92F120
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN977 bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button AN977 Datasheet HTML 9Page - STMicroelectronics AN977 Datasheet HTML 10Page - STMicroelectronics AN977 Datasheet HTML 11Page - STMicroelectronics AN977 Datasheet HTML 12Page - STMicroelectronics AN977 Datasheet HTML 13Page - STMicroelectronics AN977 Datasheet HTML 14Page - STMicroelectronics AN977 Datasheet HTML 15Page - STMicroelectronics AN977 Datasheet HTML 16Page - STMicroelectronics AN977 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15/17
GUIDELINES FOR UPGRADING FROM THE ST92F120 (0.50 µm) TO THE ST92F124...
3 UPGRADING AND RECONFIGURING YOUR ST9 HDS2V2 EMULATOR
3.1 INTRODUCTION
This section contains information about how to upgrade your emulator’s firmware or recon-
figure it to support a ST92F150 probe. Once you have reconfigured your emulator to support
a ST92F150 probe you can configure it back to support an other probe (for example a
ST92F120 probe) following the same procedure and choosing the suitable probe.
3.2 PREREQUISITES TO UPGRADING AND/OR RECONFIGURING YOUR EMULATOR
The following ST9 HDS2V2 emulators and emulation probes support upgrades and/or recon-
figuration with new probe hardware:
– ST92F150-EMU2
– ST92F120-EMU2
– ST90158-EMU2 and ST90158-EMU2B
– ST92141-EMU2
– ST92163-EMU2
Before trying to perform the upgrade/reconfiguration of your emulator, you must ensure that
ALL of the following conditions are met:
– The monitor version of your ST9-HDS2V2 emulator is higher than or equal to 2.00. [You can
see which monitor version your emulator has in the Target field of the About ST9+ Visual
Debug window, which you open by selecting Help>About.. from the ST9+ Visual Debug’s
main menu.]
– If your PC is running on the Windows ® NT ® operating system, you must have the admin-
istrator privileges.
– You must have installed the ST9+ V6.1.1 (or later) Toolchain on the host PC connected to
your ST9 HDS2V2 emulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17