công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD4990AC bảng dữ liệu(PDF) 4 Page - NEC

tên linh kiện UPD4990AC
Giải thích chi tiết về linh kiện  SERIAL I/O CALENDAR & CLOCK CMOS LSI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD4990AC bảng dữ liệu(HTML) 4 Page - NEC

  UPD4990AC Datasheet HTML 1Page - NEC UPD4990AC Datasheet HTML 2Page - NEC UPD4990AC Datasheet HTML 3Page - NEC UPD4990AC Datasheet HTML 4Page - NEC UPD4990AC Datasheet HTML 5Page - NEC UPD4990AC Datasheet HTML 6Page - NEC UPD4990AC Datasheet HTML 7Page - NEC UPD4990AC Datasheet HTML 8Page - NEC UPD4990AC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
µPD4990A
4
FUNCTION SPECIFICATIONS
• Crystal frequency (X tal osc.).
° 32.768 kHz
• Data
Data types are: second, minute, day, week, month, and year.
Leap years, 31-day months, and months with 30 or less days are adjusted automatically.
A 24-hour system is used and last two digits of Gregorian year are indicated.
It is assumed that leap years are expressed by multiples of 4.
• Data format
Data is represented in BCD notation. Only months are represented in hexadecimal notation.
• Data input-output and Clock
Data is input/output synchronously with reference to the external clocks input from the CLK pin using the serial
input/output system. (See Fig. 1.)
• Timing pulse output
Three frequencies, 64 Hz, 256 Hz, and 2 048 Hz, can be set with C0, C1 and C2 pins.
Using serial data input command, selective timing pulses (TPs) are 64 Hz, 256 Hz, 2 048 Hz, and 4 096 Hz
and selective output intervals are 1, 10, 30, and 60 seconds.
• Function mode selection
A function mode can be selected by the inputs from C0, C1, and C2. Also a function mode can be selected through
serial data input. (C0 = C1 = C2 = VDD)
Each command is latched with STB (strobe).
• Chip select
Connecting the CS pin to the ground level inhibits CLK and STB inputs.
• Data output inhibition
Connecting the OUT ENBL pin to the ground level sets the DATA OUT pin at high impedance.
Figure 1.
command
register
Ten's of
year
C3'
Unit of
year
month
52 Bit Shift Register
* DATA of 52 Bit Shift Register appears on DATA OUT terminal from LSB of second.
day of
the week
Ten's of
days
Unit of
days
Ten's of
hours
Unit of
hours
Ten's of
minutes
Unit of
minutes
Ten's of
seconds
LSB
MSB
Unit of
seconds
C2'C1'C0'
D3 D2 D1 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com