công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4407 bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện AN4407
Giải thích chi tiết về linh kiện  Advantage of the use of an added driver source lead in discrete Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4407 bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button AN4407 Datasheet HTML 2Page - STMicroelectronics AN4407 Datasheet HTML 3Page - STMicroelectronics AN4407 Datasheet HTML 4Page - STMicroelectronics AN4407 Datasheet HTML 5Page - STMicroelectronics AN4407 Datasheet HTML 6Page - STMicroelectronics AN4407 Datasheet HTML 7Page - STMicroelectronics AN4407 Datasheet HTML 8Page - STMicroelectronics AN4407 Datasheet HTML 9Page - STMicroelectronics AN4407 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Description
AN4407
6/19
DocID025572 Rev 1
Figure 5. Risk of short-circuiting the sensing resistor
Figure 6 shows that, as the connection to the ground of the push-pull buffer circuit grounds
the sensing source pin, and since the power source pin is shorted internally with it, the
connection creates a short circuit for the sensing resistor.
So, when a 4-pin package is used, special precautions must be applied in order to preserve
system functionality (Figure 6).
Figure 6. Network implementation to remove the risk of short-circuit
The following solution is implemented on the ST demo board:
•
In the system, the value of the sensing resistor Rs is 18 m
Ω (Figure 4).
•
When using a 4-pin MOSFET, the connection shown in Figure 7 is applied to remove
the possibility of creating a short-circuit on Rs.
GIPG211120131738FSR
GIPG271120131034FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19