| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3994 bảng dữ liệu(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3994 bảng dữ liệu(HTML) 35 Page - STMicroelectronics |
|
35 / 53 page ![]() AN3994 MD II and MD V: which is the lowest loss one? Doc ID 022380 Rev 1 35/53 Table 3 explains why the measured Eoff energies of MD V STP16N65M5, STP21N65M5 and STP35N65M5 are slightly worse than the MD II at very low current values and low RGoff values. Anyway, the difference in terms of Eoff between the small sizes of MD V and MD II is so small that the two families can be considered as having the same dynamic performances under the above specified conditions of current and RG. |