| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2689 bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2689 bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 42 page ![]() PCB layout recommendations AN2689 38/42 Doc ID 14310 Rev 3 Inductive coupling is also present on the PCB. This is sometime also called “inductive cross- talk”. When over voltage occurs, a current crosses the track and makes this track radiate. This coupling depends on the current variation rate (di/dt). The parasitic inductance coupling is shown in Figure 58. Figure 58. Inductive coupling representation Like capacitive coupling, the longer the tracks to the protection device the larger will be the electromagnetic field. The solution to minimize the capacitive and inductive coupling consists of placing the protection device as close as possible to the accessories connector, where the surge impact is the most probable. (Figure 59) Figure 59. Where to place the protection device Vsurge Isu rg e I Module to protect Vnom Vmax Transil Vs V |