| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2689 bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2689 bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 42 page ![]() Parameters to consider in selecting protection devices AN2689 8/42 Doc ID 14310 Rev 3 2 Parameters to consider in selecting protection devices To make the best choice in protection device and considering Figure 5, it is necessary to consider several parameters such as: ● Nominal voltage the electronic module runs with (Vnom) ● Maximum voltage this electronic module can support (Vmax) ● Kind of surge that the electronic module may be called upon to support – If the surge shape is exponential: What is the surge maximum voltage (Vs)? What is the surge duration and at what level is it measured (tp)? What is the surge generator impedance (Rs)? What is the number of cycles in the surge (1/f)? – If the surge is a DC surge: What is the DC voltage level (Vdc)? What is the duration of the surge (tp)? What is the surge generator impedance (Rs)? ● What is the ambient temperature (Tamb)? ● What kind of protection package is preferred? ● Is the electronic module a simple DC module or a digital one? – If digital: What is the signal frequency (F)? What are the rise and fall time of the surge signal (tr, tf)? What is the maximum line capacitance (Cl)? Figure 5. Surge application topology Module to protect Vnom Vmax Protection device (*) Vcl (*) Transil or rail-to-rail protection device Surge Generator Vs Rs Td F |