công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4506 bảng dữ liệu(PDF) 25 Page - STMicroelectronics

tên linh kiện AN4506
Giải thích chi tiết về linh kiện  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 bảng dữ liệu(HTML) 25 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 21Page - STMicroelectronics AN4506 Datasheet HTML 22Page - STMicroelectronics AN4506 Datasheet HTML 23Page - STMicroelectronics AN4506 Datasheet HTML 24Page - STMicroelectronics AN4506 Datasheet HTML 25Page - STMicroelectronics AN4506 Datasheet HTML 26Page - STMicroelectronics AN4506 Datasheet HTML 27Page - STMicroelectronics AN4506 Datasheet HTML 28Page - STMicroelectronics AN4506 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
AN4506
Interrupt generation
DocID026442 Rev 2
25/47
The WAIT bit of the IG_DURATION register has the following meaning:
Wait = ‘0’: the interrupt falls immediately if signal crosses the selected threshold (Figure 12).
Wait = ‘1’: if signal crosses the selected threshold, the interrupt falls only after the duration
has counted the number of samples at the selected data rate, written into the duration
counter register (Figure 13).
Figure 12. Wait disabled
200
5
400
2.5
800
1.25
Table 26. Duration LSB value in Normal mode
ODR (Hz)
Duration LSB value (ms)
• Wait bit = ‘0’
Interrupt disabled as soon as condition
is no longer valid (ex: Rate value below threshold)
Rate
(dps)
Rate
Threshold
0
t(n)
t(n)
t(n)
Interrupt
Counter
Duration
Value
“Wait”
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47