| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4504 bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4504 bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 41 page ![]() DocID026419 Rev 1 27/41 AN4504 First-in first-out (FIFO) buffer 41 6 First-in first-out (FIFO) buffer In order to decrease the host processor interaction and facilitate post-processing data for event recognition, the L3G4200D embeds a first-in first-out buffer (FIFO) for each of the three output channels, X, Y, and Z. FIFO use allows consistent power saving for the system, it can wake up only when needed and burst the significant data out from the FIFO. The FIFO buffer can work according to five different modes that guarantee a high level of flexibility during application development: Bypass mode, FIFO mode, Stream mode, Stream-to-FIFO mode and Bypass-to-Stream mode. The programmable watermark level and FIFO overrun events can be enabled to generate dedicated interrupts on the DRDY/INT2 pin. 6.1 FIFO description The FIFO buffer is able to store up to 32 angular rate samples of 16 bits for each channel; data are stored in the 16-bit two’s complement left-justified representation. The data samples set consists of 6 bytes (Xl, Xh, Yl, Yh, Zl, and Zh) and they are released to the FIFO at the selected output data rate (ODR). The new sample set is placed in the first empty FIFO slot until the buffer is full, therefore, the oldest value is overwritten. Table 26. FIFO buffer full representation (32nd sample set stored) Output registers 0x28h 0x29h 0x2Ah 0x2Bh 0x2Ch 0x2Dh Xl(0) Xh(0) Yl(0) Yh(0) Zl(0) Zh(0) FIFO index FIFO sample set FIFO(0) Xl(0) Xh(0) Yl(0) Yh(0) Zl(0) Zh(0) FIFO(1) Xl(1) Xh(1) Yl(1) Yh(1) Zl(1) Zh(1) FIFO(2) Xl(2) Xh(2) Yl(2) Yh(2) Zl(2) Zh(2) FIFO(3) Xl(3) Xh(3) Yl(3) Yh(3) Zl(3) Zh(3) ... ... ... ... ... ... ... ... ... ... ... ... ... ... FIFO(30) Xl(30) Xh(30) Yl(30) Yh(30) Zl(30) Zh(30) FIFO(31) Xl(31) Xh(31) Yl(31) Yh(31) Zl(31) Zh(31) |