công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4350 bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện AN4350
Giải thích chi tiết về linh kiện  High power factor LED driver with constant voltage regulation based on HVLED815PF
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4350 bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button AN4350 Datasheet HTML 15Page - STMicroelectronics AN4350 Datasheet HTML 16Page - STMicroelectronics AN4350 Datasheet HTML 17Page - STMicroelectronics AN4350 Datasheet HTML 18Page - STMicroelectronics AN4350 Datasheet HTML 19Page - STMicroelectronics AN4350 Datasheet HTML 20Page - STMicroelectronics AN4350 Datasheet HTML 21Page - STMicroelectronics AN4350 Datasheet HTML 22Page - STMicroelectronics AN4350 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
DocID025181 Rev 1
19/34
AN4350
Schematic and bill of materials
34
R12
6.8 k
SMD 0805
Minimum load
R13
6.8 k
SMD 0805
Minimum load
R14
62 k
 - 1%
SMD 0805
ROS resistor
T1
SRW13EP-XxxH003 TDK
TROUGH HOLE
10-pin
Flyback transformer
U1
HVLED815PF
STMicroelectronics
SO-16
IC with integrated MOS
Table 1. Bill of materials (BOM) (continued)
Ref.
Value
Part number
Vendor
Package
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34