| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0855 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0855 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 35 page ![]() UM0855 Graphical user interface Doc ID 16617 Rev 1 17/35 4.2.2 “Home” tab This tab is used to show the codes of managed and recognized devices and demonstration boards ( Figure 11). In case of unmanaged devices, a message is shown on the tab. Figure 10. Home tab 4.2.3 “Options” tab The options tab allows the user to control the following parameters: 1. Operating mode (OM): allows the customer to select the operating mode: Normal Mode, Power Down Mode ( Figure 11, ref 1). 2. OUTPUT Amplification/FullScale Selection: allows the selection of the data to be are acquired and plotted by the GUI between 1x amplification and 4X amplification ( Figure 11, ref 2). 3. Self Test (ST): enables the self-test function. ( Figure 11, ref 3). 4. High Pass Filter (HPF) Reset: allows user to reset the internal high-pass filter ( Figure 11, ref 4). AM06006V1 |