| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0855 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0855 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 35 page ![]() STEVAL-MKI0xxV1 GUI installation UM0855 12/35 Doc ID 16617 Rev 1 3.3 Hardware installation To install the virtual COM driver, insert the demonstration kit board into a free USB port. The “notify” icon should appear as in Figure 5. Figure 5. Notify icon If the “hardware update wizard” window appears ( Figure 7), follow the instructions on the screen, otherwise, the installation can be performed by following the instructions indicated in Figure 6 and then Figure 7. Figure 6. Driver installation using the device manager |