công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4144 bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện AN4144
Giải thích chi tiết về linh kiện  Voltage mode control operation and parameter optimization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4144 bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button AN4144 Datasheet HTML 2Page - STMicroelectronics AN4144 Datasheet HTML 3Page - STMicroelectronics AN4144 Datasheet HTML 4Page - STMicroelectronics AN4144 Datasheet HTML 5Page - STMicroelectronics AN4144 Datasheet HTML 6Page - STMicroelectronics AN4144 Datasheet HTML 7Page - STMicroelectronics AN4144 Datasheet HTML 8Page - STMicroelectronics AN4144 Datasheet HTML 9Page - STMicroelectronics AN4144 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Voltage mode driving
AN4144
6/28
DocID023491 Rev 3
Figure 1. Motor phase electrical model
Equation 1
Considering all the currents and voltages of the electrical model as sinusoidal, Equation 1
can be written as a vector equation (Equation 2). The resulting vector system, which is
shown in Figure 2, adds a new variable to the current vs. voltage relationship: the load angle
 which is the angle between stator and rotor magnetic field vectors. The load angle is in
direct relation with the angle
 lying between the phase current and BEMF phasors, as
shown in Equation 3.
The torque (Tq) applied to the motor shaft is proportional to both the phase current and the
sine of the load angle, as shown by Equation 4, where the kt parameter is the motor torque
constant which is equal to the ke constant, but expressed in Nm/A instead of V/Hz.
Figure 2. Phasor representation of motor phase equation
V
PH(t)
BEMF(f
el, t)
L
m
R
m
Stepper motor
Motor phase
AM12849v1
iPH t
VPH t BEMF fel t

+
Rm i2fel Lm
+
---------------------------------------------------------
=
α
β
δ
V
PH
I
PH
Φ
STA
Φ
ROT
BEMF
R
m · IPH
δ = arctan(2πf
el · L m/Rm)
2
πf
el · Lm · IPH
AM12850v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com