| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4075 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4075 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 23 page ![]() Using STEVAL-IFP016V2 AN4075 16/23 Doc ID 022954 Rev 1 R10 is used to limit surge current. It reduces the current flow in the L6360 - I/Q pin in both polarities when surge pulses are applied to the line. If this resistor is omitted, the I/Q line surge immunity is lower. Triple Transil TR2 (SPT01-335DEE) is used as the primary surge protection to avoid overvoltage on the L6360 interface. It protects the L+ switch against negative voltage pulses, shares current flow of negative surge pulses with the additional Schottky diodes on the C/Q and I/Q lines, and clamps positive surge pulses applied to the C/Q and I/Q lines. Figure 11. STEVAL-IFP016V2 protection circuit |