công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3286 bảng dữ liệu(PDF) 36 Page - STMicroelectronics

tên linh kiện AN3286
Giải thích chi tiết về linh kiện  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 bảng dữ liệu(HTML) 36 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 32Page - STMicroelectronics AN3286 Datasheet HTML 33Page - STMicroelectronics AN3286 Datasheet HTML 34Page - STMicroelectronics AN3286 Datasheet HTML 35Page - STMicroelectronics AN3286 Datasheet HTML 36Page - STMicroelectronics AN3286 Datasheet HTML 37Page - STMicroelectronics AN3286 Datasheet HTML 38Page - STMicroelectronics AN3286 Datasheet HTML 39Page - STMicroelectronics AN3286 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Conclusions
AN3286
36/42
Doc ID 17998 Rev 1
Figure 50.
Bottom layer
3
Conclusions
The presented flyback converter is suitable for different applications. It can be used as an
external adapter or as an auxiliary power supply in consumer equipment. Special attention
was dedicated to light load performance and the bench results are good with very low input
power in light load conditions. The efficiency performances were compared with
requirements of the ENERGY STAR program (Version 2.0) for an external AC-DC adapter
with very good results; the measured active mode efficiency is always higher in respect to
the minimum required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42