| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2833 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2833 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 32 page ![]() AN2833 Feedback output connections 17/32 10 Feedback output connections ● Loop compensation network for very low output voltage ripple. ● Loop compensation network for high output voltage ripple Table 6. Jumper S4, S5 Position Output ripple compensation Short Virtual ESR output ripple is generated by using a compensation network connected between the output and the PHASE pin of the switching section. Table 7. Jumper S8, S9 Position Feedback connection Controller feedback signal connected to the compensation network Table 8. Jumper S4, S5 Position Output ripple compensation Open ESR output ripple is used. Table 9. Jumper S8, S9 Position Feedback connection Controller feedback signal connected directly to the output capacitor |