công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2833 bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện AN2833
Giải thích chi tiết về linh kiện  Dual step-down controller with auxiliary voltages for industrial system power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2833 bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button AN2833 Datasheet HTML 12Page - STMicroelectronics AN2833 Datasheet HTML 13Page - STMicroelectronics AN2833 Datasheet HTML 14Page - STMicroelectronics AN2833 Datasheet HTML 15Page - STMicroelectronics AN2833 Datasheet HTML 16Page - STMicroelectronics AN2833 Datasheet HTML 17Page - STMicroelectronics AN2833 Datasheet HTML 18Page - STMicroelectronics AN2833 Datasheet HTML 19Page - STMicroelectronics AN2833 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Jumper settings
AN2833
16/32
●
SMPS-mode selection (skip)
Table 5.
Jumper S10 (connect skip pin to S10)
Position
Switching operating mode
GND
If the skip pin is tied to ground, a pulse-skip mode takes place at light
loads. A zero-crossing comparator prevents the inductor current from
going negative.
VREF
If the skip pin is tied to the VREF pin, the pulse-skip mode is enabled with
a minimum switching frequency of about 25 kHz (ultrasonic mode).
LDO5
If the skip pin is tied to 5 V, the fixed PWM mode is enabled. The switching
output is in a position to sink and source current from the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32