công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0432 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện UM0432
Giải thích chi tiết về linh kiện  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 7Page - STMicroelectronics UM0432 Datasheet HTML 8Page - STMicroelectronics UM0432 Datasheet HTML 9Page - STMicroelectronics UM0432 Datasheet HTML 10Page - STMicroelectronics UM0432 Datasheet HTML 11Page - STMicroelectronics UM0432 Datasheet HTML 12Page - STMicroelectronics UM0432 Datasheet HTML 13Page - STMicroelectronics UM0432 Datasheet HTML 14Page - STMicroelectronics UM0432 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
UM0432
ST7FMC2S4T6 microcontroller functions
11/53
Table 1.
ST7FMC2S4T6 functions
Function
I/o name
Description (depends on embedded software)
MTC
MCO0
PWM outputs high-side phase A
MCO1
PWM outputs low-side phase A
MCO2
PWM outputs high-side phase B
MCO3
PWM outputs low-side phase B
MCO4
PWM outputs high-side phase C
MCO5
PWM outputs low-side phase C
MCIA, MCIB, MCIC
Analog or digital input for position sensor or B.E.M.F. detection
MCVREF
B.E.M.F. detection comparator reference
NMCES
Emergency stop
OAP
Operational amplifier positive input
OAN
Operational amplifier negative input
OAZ
Operational amplifier output
MCCREF
Current limitation reference
MCPWMV
PWM Output V user for current reference
MCZEM
Debug pin C/Z event
MCDEM
Debug pin C/D event
SPI
MISO
Master in/slave out data
MOSI
Master out/slave in data
SCK
Serial clock
LINSCI™
RDI
Received data input
TDO
Transmit data output
10-bit ADC
AIN0
Temperature sensor input
AIN1
Bus voltage sensing input
AIN13
Trimmer P1 reading input
AIN11
Trimmer P2 reading input
AIN7
Trimmer P3 reading input
ICC
ICCCLK
Output serial clock
ICCDATA
Input/output serial data
ICCSEL/Vpp
Programming voltage input
Other I/O
PE0
GPIO_A for GE method of BEMF detection
PE1
GPIO_B for GE method of BEMF detection
PE2
GPIO_C for GE method of BEMF detection
PE3
Start/stop push-button switch
PB7
LED management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com