| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2798 bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2798 bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 38 page ![]() AN2798 PM6670AS evaluation tests 25/38 Non-tracking discharge When the non-tracking discharge is programmed (JP2 in the lower position) and S3-S5 are both tied to GND, each output rail is discharged through its discharge MOSFET, as depicted in the following picture. Table 3. Measured discharge resistance in soft-discharge mode VDDQ output VTTREF output VTT output Measured N.T.D. discharge MOSFET’s RDSon 25 Ω 1.5 k Ω 23 Ω Figure 28. VDDQ, VTTREF and VTT, non-tracking discharge, no load on any output |