| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2785 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2785 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 51 page ![]() Application examples AN2785 30/51 Doc ID 14785 Rev 1 Figure 22. Power dissipation during switching (approximation) Since the T2 time for the turn ON and T3 time for the turn OFF are much shorter compared to respectively Tfall and Trise, the approximated instantaneous amount of energy dissipated during the commutation can be calculated as the triangular area having as base the Tfall or Trise time, and as height the product between the maximum Vce voltage (equal to HVbus) and the Iload current value, as follows: The term fSW represents the switching frequency of the power IGBT (or MOSFET). In summary, using the results obtained by these approximated calculations, it is clear that the main consideration when dimensioning the gate resistor values is the trade-off between the electromagnetic emissions and the power dissipated during power IGBT (or MOSFET) switching, as shown in Figure 23. Ton Tfall T1 T2 T3 T4 t HVbus Iload Vce, Ic approx. real POWER DISSIPATION FOR SWITCHING Ton Tfall T1 T2 T3 T4 t HVbus Iload conservative approximation real t HVbus Iload Vce, Ic approx. real t HVbus Iload Toff Trise T4 T1 T2 T3 Toff Trise T4 T1 T2 T3 turn ON turn OFF Pdiss_sw Pdiss_sw real T2 is typically very short compared to T3 T3 is typically very short compared to T2 conservative approximation ( ) ( ) 2 T T I HV E RISE FALL LOAD BUS SW _ DISS + ⋅ ⋅ ≅ ( ) ( ) 2 f T T I HV P SW RISE FALL LOAD BUS SW _ DISS ⋅ + ⋅ ⋅ ≅ |