| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2684 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2684 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 21 page ![]() IFP006V1 demonstration board description AN2684 14/21 Doc ID 14266 Rev 1 4.5.4 Surge test A high energy surge test was performed in differential mode. A high surge signal was injected on the DUT (device under test) through a 42 Ω decoupling resistor. The test consisted of three positive and three negative discharges with a repetition rate of 1 discharge per minute. Figure 14 shows the standard timing waveform applied on the DUT. Figure 14. Surge standard timing waveform Table 5 below shows normal performance of the device. Table 4. Burst test results Burst standard test routines Level Voltage (kV) Acceptance criteria (1) 1. Classification of the test (Criteria A): normal performance (Criteria B): temporary degradation or loss of function or performance with automatic return to normal operation (Criteria C): temporary degradation or loss of function with external intervention to recover normal operation (Criteria D): degradation or loss of function, need replacement of damaged components to recover normal operation. IEC 61000-4-4 Level 1 0.5 A IEC 61000-4-4 Level 2 1 A IEC 61000-4-4 Level 3 2 A IEC 61000-4-4 Level 4 4 A |