công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3975 bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện AN3975
Giải thích chi tiết về linh kiện  Transparent serial link over ST7590 OFDM PRIME modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3975 bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button AN3975 Datasheet HTML 18Page - STMicroelectronics AN3975 Datasheet HTML 19Page - STMicroelectronics AN3975 Datasheet HTML 20Page - STMicroelectronics AN3975 Datasheet HTML 21Page - STMicroelectronics AN3975 Datasheet HTML 22Page - STMicroelectronics AN3975 Datasheet HTML 23Page - STMicroelectronics AN3975 Datasheet HTML 24Page - STMicroelectronics AN3975 Datasheet HTML 25Page - STMicroelectronics AN3975 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
AN3975
24/26
Doc ID 022170 Rev 1
Appendix A
In order to enable or disable close loop test function PLM_To_RS485UART_Send_Data in
the function.c file in the PMeter_RS485_to_PRIME project must be updated accordingly.
Function that avoids close loop test
Void PLM_To_RS485UART_Send_Data(unsigned char* data_buffer, unsigned short
Nb_bytes)
{
GPIO_SetBits(nRE_port, nRE_pin);
//Receiver input disable
GPIO_SetBits(DE_port, DE_pin);
//Driver output enable
ComWrt_direct (0, data_buffer, Nb_bytes, RS485);
while(USART_GetFlagStatus(USART2, USART_FLAG_TC) == RESET);
GPIO_ResetBits(DE_port, DE_pin);
//Driver output disable
GPIO_ResetBits(nRE_port, nRE_pin); //Receiver input enable
}
Function that enables close loop test
Use only for this test, do not use when communicating with the RS485 device.
Void PLM_To_RS485UART_Send_Data(unsigned char* data_buffer, unsigned short
Nb_bytes)
{
GPIO_ResetBits(nRE_port, nRE_pin); //Receiver input enable
GPIO_SetBits(DE_port, DE_pin);
//Driver output enable
ComWrt_direct (0, data_buffer, Nb_bytes, RS485);
while(USART_GetFlagStatus(USART2, USART_FLAG_TC) == RESET);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26