| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3975 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3975 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 26 page ![]() System setup AN3975 14/26 Doc ID 022170 Rev 1 10. After LED1 (orange) on both connectivity gateways (STEVAL-PCC012V1s) shines, continue to follow this list. 11. Connect Windows HyperTerminal or the application to the Virtual COM port 9. 12. Send or receive data using Windows HyperTerminal or the application to or from the power meter. Table 2. LED behavior on CG for PC part of the application PCC012V1 - base node (PC part) LED Behavior Meaning LED2 (red) Blinks ST7590 modem not found All LEDs Off Waiting for logical channel LED1 (orange) Shines Channel established Table 3. LED behavior of CG for power meter part of the application PCC012V1 - service node (power meter part) LED Behavior Meaning LED2 (red) Blinks ST7590 modem not found LED3 and 4 Shine Requesting for logical channel LED1 (orange) Shines Channel established |