| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3152 bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3152 bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 17 page ![]() AN3152 Conclusion Doc ID 17056 Rev 1 15/17 5 Conclusion The special requirements of the photovoltaic field provide an interesting application area for ST’s new MDmesh™ V power MOSFETs and SiC diodes. These new technologies can operate at high frequencies with very good efficiency, leading to a reduction in the size of passive components, saving cost and board space. These innovative devices are tested in a new PV inverter prototype. Thanks to performance of the 600-650 V power MOSFETs and diodes used in the prototype, a new inverter topology is possible which permits galvanic insulation with a good trade-off between cost, weight and size. |