| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1545 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1545 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 64 page ![]() APW walkthrough UM1545 30/64 Doc ID 023225 Rev 1 P <pause> Pauses the execution of the script for the time in milliseconds described by pause. This argument must be an integer value (decimal notation). SECTION_BEGIN <n_iterations> /SECTION END Defines a section of code that has to be cycled n_iteration times (decimal notation). RW <address> <value> Writes values into the I2C register address (hexadecimal notation). RR <address> Reads the I2C register address (hexadecimal notation). RCMP <address> <value> Reads the I2C register address and compares it with value (hexadecimal notation). CWA <address> <coeff 1> <coeff 2> <coeff 3> <coeff 4> <coeff 5> Writes all five coefficients of a biquadratic filter at the location address (hexadecimal notation). CWAF <address> <coeff 1> <coeff 2> <coeff 3> <coeff 4> <coeff 5> The same as CWA (floating point notation). CW1 <address> <coeff> Writes a single coefficient (hexadecimal notation). CW1F <address> <coeff> The same as CW1 (floating point notation). CR1 <address> Reads a single coefficient located at address (hexadecimal notation). CRA <address> Reads five consecutive coefficients starting from location address (hexadecimal notation). CCMP1 <address> <coeff> Reads the coefficient located at address and compares it with coeff (hexadecimal notation). CCMPA <address> <coeff 1> <coeff 2> <coeff 3> <coeff 4> <coeff 5> Reads five consecutive coefficients starting from location address and compares them with coeff 1, …, coeff 5 (hexadecimal notation). APWLINK_INIT_ADC Initializes the APWLink onboard ADC (see AN4118, “APWLink™ USB interface board for Sound Terminal® demonstration boards” for further information). |