| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TN0897 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0897 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 28 page ![]() SPI communication flow TN0897 14/28 Doc ID 023176 Rev 2 <WD Trigger>: this Bit is reserved to trigger the watchdog. The precise procedure required to serve the watchdog is device specific and defined in the product datasheet. The bit is reserved if the device has no watchdog. <Masking>: bits 1, 2 and 3 allow masking of the corresponding bit in the <Global Status> register. If a Status Bit is masked, it is excluded from the <Global Error Flag> composition, i. e. the information is still indicated in the <Global Status> register but it is not contributing to the <Global Error Flag> (Bit 7 of the <Global Status> register). 1 = corresponding bit is masked, 0 = corresponding bit is not masked Table 5. Configuration register Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Device specific fault mask Device specific fault mask Device specific fault mask Device specific fault mask Masking Bit 3 of <Global Status> register Masking Bit 2 of <Global Status> register Masking Bit 1 of <Global Status> register WD Trigger |