| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1627 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1627 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 38 page ![]() API specification UM1627 22/38 DocID024497 Rev 2 Troubleshooting None. Comments This function resumes one operation if there is any operation is suspended. For instance, if a program operation is in suspended state, it is resumed. If an erase operation is in suspended state, it is resumed too. If an erase-suspended program operation is in suspended state, the program operation is resumed prior to resuming the erase operation. It is better to call this function based on suspendFlag returned from ‘FlashSupend()’. Following table defines and describes various resume states and associated resume codes. Assumptions It assumes that the Flash block is initialized using a ‘FlashInit()’ API. 2.6.9 GetLock() Description This function checks the block locking status of Shadow/Low/Middle/High address spaces in the C90LC module. Prototype UINT32 GetLock (PSSD_CONFIG pSSDConfig, UINT8 blkLockIndicator, BOOL *blkLockEnabled, UINT32 *blkLockState); Arguments Table 31. resumeState definitions Code Name Value Description RES_NOTHING 0 No program/erase operation to be resumed RES_PGM 1 A program operation is resumed RES_ERS 2 A erase operation is resumed RES_ERS_PGM 3 A suspended erase-suspended program operation is resumed Table 32. Arguments for GetLock() Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip-dependent. Please refer to Section 2.3 for more details. blkLockIndicator Indicating the address space and the block locking level, which determines the address space block locking register to be checked. Refer to Table 35 for valid values for this parameter. |