| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2334 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2334 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 22 page ![]() PC Keypad software AN2334 14/22 4 PC Keypad software Before switching on the board, the PC “Keypad” software must be run, defining the parallel port base address (see Windows Device Manager) and the COM serial port to be used. PC software has four different functions: Keyboard, dashboard, LIN analyzer, VNH2 and L9950 diagnostic view. – Keyboard is connected to the microcontroller via a parallel port and provides to the microcontroller an 8-bit word that encodes all possible user actions as described in the following Table 8 and Table 9: Table 8. Window and door lock coding Window Door Parallel Port Up Left Down Left Up Right Down Right Lock / Unlock 0 000 0 192 0 001 0 194 0 101 0 202 0 100 0 200 0 010 0 196 1 010 0 212 1 000 0 208 0 000 1 193 0 001 1 195 0 101 1 203 0 100 1 201 0 010 1 197 1 010 1 213 1 000 1 209 |