công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2334 bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện AN2334
Giải thích chi tiết về linh kiện  Complete car door module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2334 bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button AN2334 Datasheet HTML 8Page - STMicroelectronics AN2334 Datasheet HTML 9Page - STMicroelectronics AN2334 Datasheet HTML 10Page - STMicroelectronics AN2334 Datasheet HTML 11Page - STMicroelectronics AN2334 Datasheet HTML 12Page - STMicroelectronics AN2334 Datasheet HTML 13Page - STMicroelectronics AN2334 Datasheet HTML 14Page - STMicroelectronics AN2334 Datasheet HTML 15Page - STMicroelectronics AN2334 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Local Interconnect Network (LIN) messages
AN2334
12/22
Table 2.
Application Messages
Message ID
Slave
response
source
Slave response
destination
N.transmit
[bytes]
Message
Data
Description
LinMsg1
(0xc1)
Driver Door (M)
FR RL RR
Doors (S)
2See Table 3
Master transmit doors lock / unlock
command
LinMsg2
(0x42)
Driver Door (M)
Front Right
Door (S)
2See Table 4
Master transmit FR Door
commands
LinMsg4
(0x73)
Driver Door (M)
PC-L9950
Diag (S)
8See Table 7 Master transmit diagnostic signals
LinMsg3
(0xC4)
Driver Door (M)
PC-VNH2
Diag (S)
2See Table 5
Master transmit RL Door
commands
LinMsg5
(0x11)
Dashboard (S)
Driver Door (M)
2
See Table 6 Master data request
Table 3.
FR RL RR data
Description
Data Value
Unlock Doors
0x01
Lock Doors
0x02
Table 4.
Front Right Door
Description
Data Value
Front Right Mirror Dx
0x01
Front Right Mirror Sx
0x02
Front Right Mirror Up
0x03
Front Right Mirror Down
0x04
Front Right Mirror Close
0x05
Front Right Mirror open
0x06
Front Right Window Up
0x07
Front Right Window Down
0x08
Table 5.
PC-VNH2 Diag. data
Description
Data Value
No diag err
0x01
Therm. Shutdown Leg A
0x27
Therm. Shutdown Leg B
0x28
Short Circ. Leg A
0x29
Short Circ. Leg B
0x2A
Open Load
0x2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22